Part Number Hot Search : 
NSG163P GCJ31 XSXR2 AK5365 SIM548 00002 HT12B MA147
Product Description
Full Text Search
 

To Download EIA1114-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIA1114-4
UPDATED 07/25/2006
11.0-14.0GHz 4-Watt Internally Matched Power FET
FEATURES
* * * * * * * * 11.0- 14.0GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +36.5 dBm Output Power at 1dB Compression 7.0 dB Power Gain at 1dB Compression 25% Power Added Efficiency -36 dBc IM3 at Po = 25.5 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
.060 MIN.
Excelics
EIA1114-4
YYWW SN
.094 .382
.060 MIN.
.650.008 .512
GATE
.319
DRAIN
.022
.045 .004
.070 .008
.129
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 11.0-14.0GHz VDS = 8 V, IDSQ 1500mA Gain at 1dB Compression f = 11.0-14.0GHz VDS = 8 V, IDSQ 1500mA Gain Flatness f = 11.0-14.0GHz VDS = 8 V, IDSQ 1500mA Power Added Efficiency at 1dB Compression f = 11.0-14.0GHz VDS = 8 V, IDSQ 1500mA Drain Current at 1dB Compression f = 11.0-14.0GHz
Caution! ESD sensitive device. MIN
35.5 6.0
TYP
36.5 7.0
MAX
UNITS
dBm dB
0.8 25 1700 -36 2880 -1.0 5.5 3600 -2.5 6.0
o
dB %
2000
mA dBc mA V C/W
Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 25.5 dBm S.C.L2 VDS = 8 V, IDSQ 65% IDSS f = 14.0GHz
Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 29 mA
2) S.C.L. = Single Carrier Level.
Note: 1) Tested with 100 Ohm gate resistor.
3) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING1,2
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 10 -5 43.2mA -7.2mA 35.5dBm
o 175 C o -65 to +175 C
CONTINUOUS2 8V -3V 14.4mA -2.4mA @ 3dB Compression 175 oC -65 to +175 oC 25W
Vds Vgs Igsf Igsr Pin Tch Tstg Pt
25W
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 1 Revised July 2006


▲Up To Search▲   

 
Price & Availability of EIA1114-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X